Part Number Hot Search : 
TS431ACY 1N5232 C3851 N3906 C3851 2PD1820A TNA086AE HCT2G0
Product Description
Full Text Search
 

To Download LMBD7000LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Dual Switching Diode
* Pb-Free Package May be Available. The G-Suffix Denotes a
Pb-Free Lead Finish
3
LMBD7000LT1
ORDERING INFORMATION
Device LMBD7000LT1 Package SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel
1 2
LMBD7000LT1G SOT-23
MAXIMUM RATINGS(EACH DIODE)
Rating Reverse Voltage Forward Current Peak Forward Surge Current Symbol VR IF I FM(surge) Value 100 200 500 Unit Vdc mAdc mAdc
SOT- 23
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (1) T A = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) T A = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
1 ANODE 3 CATHODE/ANODE
2 CATHODE
R JA PD
R JA T J , T stg
DEVICEMARKING
LMBD7000LT1 = M5C
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted)(EACH DIODE)
Characteristic Symbol Min Max Unit
OFFCHARACTERISTICS
Reverse Breakdown Voltage (I (BR) = 100 Adc) Reverse Voltage Leakage Current (V R = 50 Vdc) (V R = 100 Vdc) (V R = 50 Vdc,125C) Forward Voltage (I F = 1.0 mAdc) (I F = 10 mAdc) (I F = 100 mAdc) Reverse Recovery Time (I F = I R = 10 mAdc) (Figure 1) Capacitance(VR=0V) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. IR I R2 I R3 VF -- -- -- 0.55 0.67 0.75 t rr C -- -- 1.0 3.0 100 Vdc 0.7 0.82 1.1 4.0 1.5 ns pF V (BR) 100 -- Vdc
Adc
LMBD7000LT1-1/3
LESHAN RADIO COMPANY, LTD.
LMBD7000LT1
820 2.0 k 0.1F tr tp 10% t IF t rr t
+10 V
100 H
IF
0.1 F
50 OUTPUT PULSE GENERATOR
DUT
50 INPUT SAMPLING OSCILLOSCOPE
90%
i
R(REC)
= 1.0 mA
INPUT SIGNAL V
R
IR
OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i R(REC) = 1.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 10mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10mA. Notes: 3. t p t rr
Figure 1. Recovery Time Equivalent Test Circuit
CURVES APPLICABLE TO EACH CATHODE
100 10
I F , FORWARD CURRENT (mA)
T A = 85C
10
I R, REVERSE CURRENT ( A)
T A =150C T A =125C
1.0
T A= -40C
T A =85C
0.1
T A = 25C
1.0
T A =55C
0.01
0.1 0.2 0.4 0.6 0.8 1.0 1.2
0.001 0 10
T A =25C
20 30 40 50
V F , FORWARD VOLTAGE (VOLTS)
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
0.68
C D , DIODE CAPACITANCE (pF)
0.64
0.60
0.56
0.52 0 2.0 4.0 6.0 8.0
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
LMBD7000LT1-2/3
LESHAN RADIO COMPANY, LTD.
LMBD7000LT1
SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. ANODE 2. CATHODE 3. CATHODE/ANODE
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
LMBD7000LT1-3/3


▲Up To Search▲   

 
Price & Availability of LMBD7000LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X